Part Number Hot Search : 
MAZS100 CXP50700 10U45 124U6R3 DG411CUE 74LVT F06C4 CX2CSM3
Product Description
Full Text Search
 

To Download CC10L-XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www .acca- connectors.com cc10l series ma terial and finish insulator: high temperature plastic Cul94v - o contact: phosphor bronze plating: gold specifica tions current rating: 0.5 a per contact v oltage rating: 100 v ac/dc dielectric withstanding voltage: 500 v ac insulation resistance: 1000 m min contact resistance: 40m max t emperature range: C0?to +105? board to board male f emale 1 mm p 1 mm p itch board to board connector itch board to board connector nota: photos are not full scale c c 10l - 6 4 s a v - 1 g r 0 pin number 64 t o 84 s* : f emale p* : m ale v er tic al cms g old r eel 0: without peg n one: with peg ordering informa tion s a p a 8 s ap b 9 sb p a 1 0 s cp a 1 1 s c pb 12 sd p a 1 3 sd pb 1 4 sd pc 15 f emale male height 23 stacking height: h = 8.0 mm h = 9.0 mm h = 10.0 mm h = 11.0 mm h = 12.0 mm h = 13.0 mm h = 14.0 mm h = 15.0 mm a dvanced c onnectors and c able a ssemblies h http://
pcb layout pcb layout board to board www .acca- connectors.com cc10l series unit: mm f emale male 24 a dvanced c onnectors and c able a ssemblies dimensio n a 1. 0* ( no.of po si ti ons/ 2 ) + 3. 9 b 1. 0* ( no . of positi on s /2 ) C 1. 0 c 1. 0* ( no . of positi on s /2 ) + 0.8 d 1. 0* ( no . of p ositions/ 2 ) + 2 .2 2 e 1. 0* (n o. of po s it io ns /2) + 2. 4 dimensio n a 1. 0* ( no.of po si ti ons/ 2 ) + 3. 9 b 1. 0* ( no . of positi on s /2 ) C 1. 0 c 1. 0* ( no . of positi on s /2 ) + 0.3 d 1. 0* ( no . of p ositions/ 2 ) + 2 .5 8 e 1. 0* (n o. of po s it io ns /2) + 2. 4 s * x sa 5,3 7 sb 7,37 sc 8,37 sd 1 0, 37 p * x pa 6,3 5 pb 7,35 pc 8,35


▲Up To Search▲   

 
Price & Availability of CC10L-XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X